Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 48Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 49Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 50Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 51Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 52Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 53Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 54Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 55Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
36
TRSTB
Input
74
The active low test reset (TRSTB) signal provides an
asynchronous LASAR-155 test access port reset via
the IEEE P1149.1 test access port. TRSTB is a
Schmitt triggered input with an integral pull up resistor.
In the event that TRSTB is not used, it must be
connected to RSTB.
VDD_DC1
VDD_DC2
VDD_DC3
VDD_DC4
VDD_DC5
VDD_DC6
VDD_DC7
VDD_DC8
VDD_DC9
VDD_DC10
Power
10
28
54
80
97
129
154
165
182
199
The DC power pins should be connected to a well
decoupled +5 V DC in common with VDD_AC.
VSS_DC1
VSS_DC2
VSS_DC3
VSS_DC4
VSS_DC5
VSS_DC6
VSS_DC7
VSS_DC8
VSS_DC9
VSS_DC10
VSS_DC11
VSS_DC12
Ground
9
27
53
79
83
95
130
131
156
166
185
197
The DC ground pins should be connected to GND in
common with VSS_AC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com