Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 88 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 88 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 84Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 85Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 86Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 87Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 88Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 89Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 90Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 91Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 92Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
72
IOC
The Interrupt On Complete (IOC) bit is used by the PCI
Host to instruct the LASAR-155 to interrupt it when it has
completed transmission of the current TD's buffer.
When IOC is logic one, the LASAR-155 will interrupt the
PCI Host using the PCIINTB output if it is enabled using
a register bit. In addition, it will flush the LASAR-155's
internal six deep TD buffer and place all the TDs onto
the Tx Descriptor Reference Free Queue.
If IOC is logic zero, the LASAR-155 will not interrupt the
PCI Host. The TD will be place in the internal six deep
TD buffer (if enabled).
TVC[6:0]
The Transmit Virtual Connection Code (TVC[6:0]) bits
are used by the PCI Host to indicate which VC a TD
should be associated with. The TVC bits are
constructed from N (where N=0,1,2) bits of the Virtual
Path Identifier (VPI) and M (where M=7,6,5) bits of the
Virtual Channel Identifier. Selection of M and N are
made using a COPS register. In addition, for all TDs of
the same link list structure the PCI Host adds to the Tx
Descriptor Reference Ready Queue, the TVC fields
must be the same.
Packet Length [15:0]
The Packet Length bits are used by the PCI Host to
indicate the total number of bytes in the packet to be
transmitted. For multiple TD packets, the Packet Length
fields of each TD must be the same. In all but the last
TD, all bytes of each TD's buffer are expected to contain
packet data.
The Packet Length[15:0] field can be modified by the
LASAR-155. The original value set by the PCI Host may
not be present when the TDR is returned to the PCI
Host via the TDRF Queue.
Transmit Buffer
Size [15:0]
The Transmit Buffer Size bits are used to indicate the
size in octets of the current TD's data buffer. This field
must be configured by the PCI Host.
The minimum size supported is 4 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com