Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 58 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 58 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 54Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 55Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 56Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 57Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 58Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 59Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 60Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 61Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 62Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
42
9
FUNCTIONAL DESCRIPTION
9.1
Receive Line Interface
The Receive Line Interface block performs clock and data recovery and performs
serial to parallel conversion. The clock and data recovery unit can be bypassed
using primary inputs to allow interworking the LASAR-155 with an external CRU.
9.1.1 Clock Recovery Unit
The clock recovery unit recovers the clock from the incoming bit serial data stream.
The clock recovery unit is fully compliant with SONET and SDH jitter tolerance
requirements. The clock recovery unit utilizes a low frequency reference clock to
train and monitor its clock recovery PLL. Under loss of signal conditions, the clock
recovery unit will continue to output a line rate clock that is locked to this reference
for keep alive purposes. The clock recovery unit can be configured to utilize
reference clocks at 6.48 or 19.44 MHz. The clock recovery unit also supports
diagnostic loopback and a loss of signal input that squelches normal input data.
Initially, the PLL locks to the reference clock, RRCLK+/-. When the frequency of the
recovered clock is within 488 ppm of the reference clock, the PLL attempts to lock
to the data. Once in data lock, the PLL reverts to the reference clock if no data
transitions occur in 80 bit periods or if the recovered clock drifts beyond 488 ppm of
the reference clock.
When the transmit clock is derived from the recovered clock (loop timing), the
accuracy of the transmit clock is directly related to the RRCLK+/- reference accuracy
in the case of a loss of signal condition. In applications that are required to meet the
Bellcore GR-253-CORE SONET Network Element free-run accuracy specification,
the reference must be within +/-20 ppm. When not loop timed, the RRCLK+/-
accuracy may be relaxed to +/-50 ppm.
The loop filter transfer function is optimized to enable the PLL to track the jitter, yet
tolerate the minimum transition density expected in a received SONET data signal.
The total loop dynamics of the clock recovery PLL yield a jitter tolerance which
exceeds the minimum tolerance proposed for SONET equipment by GR-253-CORE
(Figure 9.1). The jitter tolerance illustrated is associated with the external loop filter
components recommended in the Operation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com