| Electronic Components Datasheet Search |
|
PM7375-SC Datasheet(PDF) 70 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC Datasheet(HTML) 70 Page - PMC-Sierra, Inc |
|
70 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 54 For each cell, the TALP block generates the GFC, VPI, VCI, PTI and CLP cell header fields. The GFC, VPI and VCI fields are inserted from the values programmed when the VC was initially provisioned. The PTI and CLP fields are inserted from the default values from when the VC was initially provisioned or as specified by the PCI Host on a per packet basis. CRC-10 field generation and inclusion is provided to support F4 and F5 OAM cell generation. For F4 and F5 OAM cells, the CRC-10 is generated using the polynomial, x10+x9+x5+x4+1. The OAM cell flow is expected to be either from the PCI Host or through the Multipurpose Port. When the flow is through the Multipurpose Port, the ATM header bytes GFC, VPI, VCI, PTI and CLP must be pre-pended by the external cell source. The Multipurpose Port is provided to allow either insertion of CBR cells and/or OAM cells into the cell stream. When the port indicates that a cell is ready to be transmitted, the TALP block either inserts the cell into the aggregate cell stream at the earliest opportunity or waits until no cells are being sourced from the PCI Host before inserting the cell into the aggregate cell stream. The selection of the insertion mode is made using the CINPORT_PR bit in the TALP Control register. No per VC traffic shaping is applied to this stream. Only traffic shaping of the aggregate cell stream sourced from the Multipurpose Port is provided. The TALP block enforces an APCR on the aggregate cell stream using a peak cell rate counter. The APCR can be selectable from 32 Kbps to the full rate of 149 Mbit/s for STS-3c (STM-1). 9.9 Transmit ATM Cell Processor The Transmit ATM Cell Processor (TACP) provides rate adaptation via idle/unassigned cell insertion, provides HEC generation and insertion, provides GFC insertion and performs ATM cell scrambling. Idle/Unassigned Cell are transmitted in the absence of assigned cells. Registers are provided to program the GFC, PTI, and CLP fields of the Idle/Unassigned cell header and the cell payload. The HEC is automatically calculated and inserted. The HEC calculation over the first four header octets is performed using the polynomial, x8+x2+x+1. The coset polynomial, x6+x4+x2+1 is optionally added (modulo 2) to the residue. Scrambling is performed using the self synchronous scrambler, x43+1. Scrambling is performed only over cell payloads; cell headers are not scrambled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |