Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 27 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 27 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 23Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 24Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 25Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 26Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 27Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 28Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 29Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 30Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 31Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
11
7
PIN DIAGRAM
The LASAR-155 is packaged in a 208 pin slugged plastic QFP package having a
body size of 28 mm by 28 mm and a pin pitch of 0.5 mm.
PM7375
LASAR-155
TOP VIEW
LF+
LF-
LFO
RXPHYBP
MPENB
RAVS1
RAVD1
RAVS2
RRCLK+
RRCLK-
AD[25]
AD[27]
AD[26]
VSS_AC
AD[24]
VSS_DC
VDD_DC
RAVD4
PIN 1
PIN 156
PIN 52
Index
PIN 105
VDD_AC
VDD_AC
C/BEB[3]
VSS_AC
VSS_DC
VDD_DC
TRDYB
DEVSELB
STOPB
FRAMEB
IRDYB
LOCKB
PERRB
SERRB
C/BEB[1]
AD[15]
IDSEL
AD[23]
AD[22]
AD[21]
VSS_AC
VDD_AC
AD[20]
AD[19]
AD[18]
VSS_AC
VDD_AC
AD[17]
AD[16]
C/BEB[2]
VSS_AC
VDD_AC
AD[10]
AD[9]
AD[8]
VSS_AC
RAVS3
RAVD3
RAVS4
ALOS+
ALOS-
RXD+
RXD-
RAVD2
ROMP
VSS_DC
VSS_AC
VDD_AC
TXVSS
TXD-
TXD+
RSTB
TXC
TXVDD
TAVS3
TRCLK+
TRCLK-
TAVD3
TAVS2
TAVD2
TAVS1
TAVD1
XOFF
TGFC/TLD
AD[11]
AD[13]
AD[12]
VDD_AC
VSS_AC
AD[14]
VSS_DC
TCLK
VDD_DC
VSS_AC
RDAT[1]
RDAT[0]
RSOC
RRDENB
RGFC/RLD
TCP/TLDCLK
RCP/RLDCLK
RFP
VSS_DC
VDD_DC
PAR
VDD_AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com