| Electronic Components Datasheet Search |
|
PM7375-SC Datasheet(PDF) 61 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC Datasheet(HTML) 61 Page - PMC-Sierra, Inc |
|
61 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 45 9.2.3 Receive Path Overhead Processor The Receive Path Overhead Processor (RPOP) provides pointer interpretation, extraction of path overhead, extraction of the synchronous payload envelope, path level alarm detection (LOP, path AIS, RDI) and performance monitoring. Pointer interpretation conforms to both Bellcore and ETSI standards. The RPOP interprets the incoming pointer (H1, H2) as specified in the references. Loss of pointer (LOP) in the incoming STS-3c (STM-1) or STS-1 is declared as a result of eight consecutive invalid pointers or eight consecutive NDF enabled indications. LOP is removed when the same valid pointer with normal NDF is detected for three consecutive frames. Path Alarm Indication Signal (PAIS) in the incoming STS-1/3c stream is declared after three consecutive AIS indications. PAIS is removed when the same valid pointer with normal NDF is detected for three consecutive frames or when a valid pointer with NDF enabled is detected. Path Remote Defect Indication (RDI) is raise when bit 5 of the path G1 byte is set high for five consecutive frames. Path RDI is cleared when bit 5 is low for five consecutive frames. Path BIP-8 calculation and verification is automatically performed with errors accumulated into an internal saturating one second (STS-3c (STM-1) rate) counter. Accumulation of path far end block error (FEBE) indications into an internal saturating one second (STS-3c rate) counter is also provided. 9.3 Receive ATM Cell Processor The Receive ATM Cell Processor (RACP) performs ATM cell delineation, provides cell filtering based on idle/unassigned cell detection, cell filtering based on HEC error detection, Generic Flow Control (GFC) field extraction, ATM layer alarm detection (OCD, LCD) and performs ATM cell payload descrambling. In addition, the number of received assigned cells is accumulated in a one second (STS-3c/STM-1 rate) saturating counter. 9.3.1 Cell Delineation Cell Delineation is the process of framing to ATM cell boundaries using the header error code (HEC) field found in the cell header. The HEC is a CRC-8 calculation over the first 4 octets of the ATM cell header. Cell delineation is performed using the Cell Delineation State Diagram as illustrated below. ALPHA is chosen to be 7 and DELTA is chosen to be 6. These values result in a maximum average time to delineate of 31 µs for STS-3c (STM-1) and 93 µs for STS-1. When in the HUNT state, the RACP block asserts the out of cell delineation (OCD) alarm. If OCD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |