Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 29 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 29 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 25Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 26Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 27Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 28Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 29Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 30Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 31Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 32Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 33Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
13
RCLK
Output
96
The receive clock (RCLK) output provides a timing
reference for the LASAR-155 receive line interface
outputs. RCLK is a 19.44 MHz or 6.48 MHz, nominally
50% duty cycle clock. RCLK is a divide by eight of the
recovered clock or the RRCLK+/- inputs as
determined using the RBYP bit in the LASAR-155
Master Configuration register.
RALM
Output
157
The receive alarm (RALM) output indicates the state
of the receive framing. RALM is low if no receive
alarms are active. RALM is high if loss of signal
(LOS), line AIS, path AIS, loss of frame (LOF), loss of
pointer (LOP) or loss of cell delineation (LCD) is
detected. RALM is updated on the falling edge of
RCLK.
RFP
Output
109
The receive frame pulse (RFP) output is an 8 kHz
signal derived from the receive line clock. RFP is
pulsed high for one RCLK cycle every 2430 RCLK
cycles for STS-3c (STM-1) or every 810 RCLK cycles
for STS-1. A single discontinuity in RFP position
occurs if a change of frame alignment occurs.
TRCLK+
TRCLK-
PECL
Input
120
121
The transmit differential reference clock inputs
(TRCLK+, TRCLK-) are a jitter-free 19.44 MHz or 6.48
MHz reference clock when clock synthesis is enabled.
When clock synthesis is bypassed, TRCLK+/- is
nominally a 155.52 MHz or 51.84 MHz, 50% duty
cycle clock. This clock provides timing for the
LASAR-155 transmit functions. TRCLK+/- may be left
unconnected when LASAR-155 loop timing is enabled
using the LASAR-155 Master Control Register.
TXC
Output
125
The transmit clock (TXC) output is available when
STS-1 (51.84 Mbits/s) mode of operation is selected
using the LASAR-155 Master Configuration register.
When STS-3c (STM-1) mode of operation is selected,
TXC is held low. TXD+/- are updated on the falling
edge of TXC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com