Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 32Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 33Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 34Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 35Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 36Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 37Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 38Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 39Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
20
TXPHYBP
I/O
92
The transmit physical layer bypass (TXPHYBP) signal
selects whether or not to bypass the internal SONET
PHY in the transmit direction. When TXPHYBP is set
high, the internal SONET PHY is bypassed and a SCI-
PHY/Utopia compliant interface comprising of signals:
TSOC, TWRENB, TFIFOFB and TDAT[7:0] is
supported. When TXPHYBP is set low, the
LASAR-155 operates normally with the internal
SONET PHY. In this mode, signals TSOC, TWRENB,
TFIFOEB and TDAT[7:0] can be used to interface to
an external FIFO to support CBR VCs.
Under analog test mode as selected using the
PMCATST bit in the LASAR-155 Master Test register,
this pin is configured as an output and is used for test
purposes.
TWRENB
Output
91
The active low transmit write enable (TWRENB)
signal's function is configured using input TXPHYBP.
When TXPHYBP is set high, the LASAR-155's
SONET physical layer blocks are bypassed and
TWRENB is used to initiate writes to an external FIFO
associated with a physical layer device (e.g. the PMC
SUNI-PDH). When TWRENB is low and TFIFOFB is
high during a SYSCLK cycle, the current cell byte on
bus TDAT[7:0] is written into the external FIFO. When
TWRENB is high during a SYSCLK cycle, no write is
performed. In this mode of operation, TWRENB is
generated using the rising edge of SYSCLK.
When TXPHYBP is set low, the LASAR-155 operates
normally with the integrated STS-3c (STM-1) or STS-1
PHY. When TWRENB is low on the rising edge of a
SYSCLK cycle and TFIFOEB is high, a cell byte is
expected on the TDAT[7:0] bus on the next rising edge
of SYSCLK. When TWRENB is set high on the rising
edge of a SYSCLK cycle, data is not expected on the
TDAT[7:0] bus on the next rising edge of SYSCLK.
Once a full cell is sampled, it is automatically inserted
into the cell stream. In this mode of operation,
TWRENB is generated using the rising edge of
SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com