Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 55Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 56Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 57Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 58Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 59Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 60Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 61Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 62Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
43
9.1.1.1 Fig. 9.1 Jitter Tolerance Mask
Jitter Freq. (Hz)
0.1
1
10
100
100
1000
10000
100000
1000000
10000000
GR-253-CORE
Note that for frequencies below 300 Hz the jitter tolerance is greater than 15 UIpp;
15 UIpp is the maximum jitter tolerance of the test equipment. Also note that the dip
in the tolerance curve between 300 Hz and 10 kHz is due to the LASAR-155's
internal clock difference detector: if the recovered clock drifts beyond 488 ppm of
the reference, the PLL locks to the reference clock.
9.1.2 Serial to Parallel Converter
The Serial to Parallel Converter (SIPO) converts the received bit serial SONET
stream to a byte serial stream. The SIPO searches for the SONET/SDH framing
pattern (A1, A2) in the incoming stream, and performs serial to parallel conversion
on octet boundaries.
9.2
Receive Framer and Overhead Processor
The Receive Framer and Overhead Processor block frames to an incoming STS-3c
(STM-1) or STS-1 SONET/SDH stream and performs all the SONET section, line
and path overhead processing. Section, line and path processing are performed
using the Receive Section Overhead, Receive Line Overhead and the Receive Path
Overhead Processors as described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com