Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI3233 Datasheet HTML 1Page - Silicon Laboratories SI3233 Datasheet HTML 2Page - Silicon Laboratories SI3233 Datasheet HTML 3Page - Silicon Laboratories SI3233 Datasheet HTML 4Page - Silicon Laboratories SI3233 Datasheet HTML 5Page - Silicon Laboratories SI3233 Datasheet HTML 6Page - Silicon Laboratories SI3233 Datasheet HTML 7Page - Silicon Laboratories SI3233 Datasheet HTML 8Page - Silicon Laboratories SI3233 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
Si3233
Preliminary Rev. 0.5
5
Table 2. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
F-grade
0
25
70
oC
Ambient Temperature
TA
G-grade
–40
25
85
oC
Si3233 Supply Voltage
VDDD,VDDA1
,VDDA2
3.13
3.3/5.0
5.25
V
Si3201 Supply Voltage
VDD
3.13
3.3/5.0
5.25
V
Si3201 Battery Voltage
VBAT
VBATH = VBAT
–96
—
–10
V
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 oC unless otherwise stated.
Product specifications are only guaranteed when the typical application circuit (including component tolerances) is
used.
Table 3. AC Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for F-Grade, –40 to 85°C for G-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit
TX/RX Performance
Overload Level
THD = 1.5%
2.5
—
—
VPK
Audio Tone Generator
Signal-to-Distortion Ratio1
0 dBm0, Active off-hook,
and OHT, any Zac
45
—
—
dB
Intermodulation Distortion
—
—
–45
dB
2-Wire Return Loss
200 Hz to 3.4 kHz
30
35
—
dB
Noise Performance
Idle Channel Noise2
C-Message Weighted
—
—
15
dBrnC
Psophometric Weighted
—
—
–75
dBmP
3 kHz flat
—
—
18
dBrn
PSRR from VDDA
RX and TX, DC to 3.4 kHz
40
—
—
dB
PSRR from VDDD
RX and TX, DC to 3.4 kHz
40
—
—
dB
PSRR from VBAT
RX and TX, DC to 3.4 kHz
40
—
—
dB
Longitudinal Performance
Longitudinal to Metallic Balance
200 Hz to 3.4 kHz,
βQ1,Q2 ≥
150, 1% mismatch
56
60
—
dB
βQ1,Q2 = 60 to 2403
43
60
—
dB
βQ1,Q2 = 300 to 8003
53
60
—
dB
Using Si3201
53
60
—
dB
Metallic to Longitudinal Balance
200 Hz to 3.4 kHz
40
—
—
dB
Notes:
1. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
2. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.
3. Assumes normal distribution of betas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com