Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 33 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 29Page - Silicon Laboratories SI3233 Datasheet HTML 30Page - Silicon Laboratories SI3233 Datasheet HTML 31Page - Silicon Laboratories SI3233 Datasheet HTML 32Page - Silicon Laboratories SI3233 Datasheet HTML 33Page - Silicon Laboratories SI3233 Datasheet HTML 34Page - Silicon Laboratories SI3233 Datasheet HTML 35Page - Silicon Laboratories SI3233 Datasheet HTML 36Page - Silicon Laboratories SI3233 Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
Si3233
Preliminary Rev. 0.5
33
Table 28. Recommended Ring Trip Values for Ringing
Ringing
Frequency
NRTP
RPTP
RTDI
Hz
decimal
hex
decimal
hex
decimal
hex
16.667
64
0200
34 mA
3600
15.4 ms
0F
20
100
0320
34 mA
3600
12.3 ms
0B
30
112
0380
34 mA
3600
8.96 ms
09
40
128
0400
34 mA
3600
7.5 ms
07
50
213
06A8
34 mA
3600
5 ms
05
60
256
0800
34 mA
3600
4.8 ms
05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com