Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 83 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 83 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 79Page - Silicon Laboratories SI3233 Datasheet HTML 80Page - Silicon Laboratories SI3233 Datasheet HTML 81Page - Silicon Laboratories SI3233 Datasheet HTML 82Page - Silicon Laboratories SI3233 Datasheet HTML 83Page - Silicon Laboratories SI3233 Datasheet HTML 84Page - Silicon Laboratories SI3233 Datasheet HTML 85Page - Silicon Laboratories SI3233 Datasheet HTML 86Page - Silicon Laboratories SI3233 Datasheet HTML 87Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
Si3233
Preliminary Rev. 0.5
83
Reset settings = 0000_1000
Reset settings = 0000_0000
Register 107. DC Peak Current Monitor Calibration Result
Bit
D7D6D5D4D3D2
D1
D0
Name
CMDCPK[3:0]
Type
R/W
Bit
Name
Function
7:4
Reserved
Read returns zero.
3:0
CMDCPK[3:0]
DC Peak Current Monitor Calibration Result.
Register 108. Enhancement Enable
Bit
D7D6D5D4D3D2
D1
D0
Name
ILIMEN
FSKEN
DCSU
LCVE
DCFIL
HYSTEN
Type
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Function
7ILIMEN
Current Limit Increase.
When enabled, this bit temporarily increases the maximum differential current limit at the
end of a ring burst to enable a faster settling time to a dc linefeed state.
0 = The value programmed in ILIM (direct Register 71) is used.
1 = The maximum differential loop current limit is temporarily increased to 41 mA.
6
FSKEN
FSK Generation Enhancement.
When enabled, this bit will increase the clocking rate of tone generator 1 to 24 kHz only
when the REL bit (direct Register 32, bit 6) is set. Also, dedicated oscillator registers are
used for FSK generation (indirect registers 99–104). Audio tones are generated using
this new higher frequency, and oscillator 1 active and inactive timers have a finer bit res-
olution of 41.67
µs. This provides greater resolution during FSK caller ID signal genera-
tion.
0 = Tone generator always clocked at 16 kHz; OSC1, OSC1X., and OSC1Y are always
used.
1 = Tone generator module clocked at 24 kHz and dedicated FSK registers used only
when REL = 1; otherwise clocked at 16 kHz.
5
DCSU
DC-DC Converter Control Speedup.
When enabled, this bit invokes a multi-threshold error control algorithm which allows the
dc-dc converter to adjust more quickly to voltage changes.
0 = Normal control algorithm used.
1 = Multi-threshold error control algorithm used.
4:3
Reserved
Read returns zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com