Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 13Page - Silicon Laboratories SI3233 Datasheet HTML 14Page - Silicon Laboratories SI3233 Datasheet HTML 15Page - Silicon Laboratories SI3233 Datasheet HTML 16Page - Silicon Laboratories SI3233 Datasheet HTML 17Page - Silicon Laboratories SI3233 Datasheet HTML 18Page - Silicon Laboratories SI3233 Datasheet HTML 19Page - Silicon Laboratories SI3233 Datasheet HTML 20Page - Silicon Laboratories SI3233 Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
Si3233
Preliminary Rev. 0.5
17
Table 16. Component Value Selection for Si3233
Component
Value
Comments
R28
1/10 W, 1% resistor
For VDD = 3.3 V: 26.1 kΩ
For VDD = 5.0 V: 37.4 kΩ
R28 = (VDD + VBE)/148 µA
where VBE is the nominal VBE for Q9
R29
1/10 W, 1% resistor
For VCLAMP =80V: 541kΩ
For VCLAMP =85V: 574kΩ
For VCLAMP = 100 V: 676 kΩ
R29 = VCLAMP/148 µA
where VCLAMP is the clamping voltage for VBAT
Table 17. Component Value Selection Examples for BJT/Inductor DC-DC Converter
VDC
Maximum Ringing Load/Loop Resistance
L1
R17
R18
R19, R20
5V
3 REN/117
Ω
67 µH
150
Ω
0.15
Ω
16.5 k
Ω
12 V
5 REN/117
Ω
150 µH
162
Ω
0.56
Ω
56.2k
Ω
24 V
5 REN/117
Ω
220 µH
175
Ω
2.0
Ω
121 k
Ω
Note:
There are other system and software conditions that influence component value selection. Please refer to “AN45:
“Design Guide for the Si3210/15/16 DC-DC Converter” for detailed guidance.
Table 18. Component Value Selection Examples
for Si3233M MOSFET/Transformer DC-DC Converter
VDC
Maximum Ringing Load/Loop Resistance
Transformer Ratio
R18
R19, R20
3.3 V
3 REN/117
Ω
1:2
0.06
Ω
7.15
Ω
5.0 V
5 REN/117
Ω
1:2
0.10
Ω
16.5
Ω
12 V
5 REN/117
Ω
1:3
0.6
Ω
56.2
Ω
24
5 REN/117
Ω
1:4
2.1
Ω
121
Ω
Note:
There are other system and software conditions that influence component value selection. Please refer to “AN45:
“Design Guide for the Si3210/15/16 DC-DC Converter” for detailed guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com