Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 89 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 89 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 85Page - Silicon Laboratories SI3233 Datasheet HTML 86Page - Silicon Laboratories SI3233 Datasheet HTML 87Page - Silicon Laboratories SI3233 Datasheet HTML 88Page - Silicon Laboratories SI3233 Datasheet HTML 89Page - Silicon Laboratories SI3233 Datasheet HTML 90Page - Silicon Laboratories SI3233 Datasheet HTML 91Page - Silicon Laboratories SI3233 Datasheet HTML 92Page - Silicon Laboratories SI3233 Datasheet HTML 93Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
Si3233
Preliminary Rev. 0.5
89
4.4. FK Control
For detailed instructions on FSK signal generation, refer to “Application Note 32: FSK Generation” (AN32). These
registers support enhanced FSK generation mode, which is enabled by setting FSKEN = 1 (direct Register 108,
bit 6) and REL = 1 (direct Register 32, bit 6).
20
Power Alarm Threshold for Transistors Q3 and Q4.
21
Power Alarm Threshold for Transistors Q5 and Q6.
22
Loop Closure Filter Coefficient.
23
Ring Trip Filter Coefficient.
24
Thermal Low Pass Filter Pole for Transistors Q1 and Q2.
25
Thermal Low Pass Filter Pole for Transistors Q3 and Q4.
26
Thermal Low Pass Filter Pole for Transistors Q5 and Q6.
27
Common Mode Bias Adjust During Ringing.
Recommended value of 0 decimal.
64
DC-DC Converter VOV Voltage (Si3233 only).
This register sets the overhead voltage, VOV, to be supplied by the dc-dc converter. When the VOV
bit = 0 (direct Register 66, bit 4), VOV should be set between 0 and 9 V (VMIND = 0 to 6h). When the
VOV bit = 1, VOV should be set between 0 and 13.5 V (VMIND = 0 to 9h).
66
Loop Closure Threshold—Lower Bound.
This register defines the lower threshold for loop closure hysteresis, which is enabled in bit 0 of
direct Register 108. The range is 0–80 mA in 1.27 mA steps.
Table 37. FSK Control Indirect Registers Summary
Addr D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
69
FSK0X[15:0]
70
FSK0[15:0]
71
FSK1X[15:0]
72
FSK1[15:0]
73
FSK01[15:0]
74
FSK10[15:0]
Table 36. SLIC Control Indirect Registers Description (Continued)
Addr
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com