Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 80 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 80 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 76Page - Silicon Laboratories SI3233 Datasheet HTML 77Page - Silicon Laboratories SI3233 Datasheet HTML 78Page - Silicon Laboratories SI3233 Datasheet HTML 79Page - Silicon Laboratories SI3233 Datasheet HTML 80Page - Silicon Laboratories SI3233 Datasheet HTML 81Page - Silicon Laboratories SI3233 Datasheet HTML 82Page - Silicon Laboratories SI3233 Datasheet HTML 83Page - Silicon Laboratories SI3233 Datasheet HTML 84Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
Si3233
80
Preliminary Rev. 0.5
Reset settings = 0001_0000
Reset settings = 0001_0000
Reset settings = 0001_0001
Register 98. RING Gain Mismatch Calibration Result
Bit
D7D6D5D4D3D2
D1
D0
Name
CALGMR[4:0]
Type
R/W
Bit
Name
Function
7:5
Reserved
Read returns zero.
4:0
CALGMR[4:0]
Gain Mismatch of IE Tracking Loop for RING Current.
Register 99. TIP Gain Mismatch Calibration Result
Bit
D7D6D5D4D3D2
D1
D0
Name
CALGMT[4:0]
Type
R/W
Bit
Name
Function
7:5
Reserved
Read returns zero.
4:0
CALGMT[4:0]
Gain Mismatch of IE Tracking Loop for TIP Current.
Register 100. Differential Loop Current Gain Calibration Result
Bit
D7D6D5D4D3D2
D1
D0
Name
CALGD[4:0]
Type
R/W
Bit
Name
Function
7:5
Reserved
Read returns zero.
4:0
CALGD[4:0]
Differential DAC Gain Calibration Result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com