Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 3Page - Silicon Laboratories SI3233 Datasheet HTML 4Page - Silicon Laboratories SI3233 Datasheet HTML 5Page - Silicon Laboratories SI3233 Datasheet HTML 6Page - Silicon Laboratories SI3233 Datasheet HTML 7Page - Silicon Laboratories SI3233 Datasheet HTML 8Page - Silicon Laboratories SI3233 Datasheet HTML 9Page - Silicon Laboratories SI3233 Datasheet HTML 10Page - Silicon Laboratories SI3233 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
Si3233
Preliminary Rev. 0.5
7
Table 4. Linefeed Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for F-Grade, –40 to 85°C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Loop Resistance Range
RLOOP
See note.*
0
—
160
Ω
DC Loop Current Accuracy
ILIM = 29 mA, ETBA = 4 mA
–10
—
10
%
DC Open Circuit Voltage
Accuracy
Active Mode; VOC = 48 V,
VTIP – VRING
–4
—
4
V
DC Differential Output
Resistance
RDO
ILOOP < ILIM
—160
—
Ω
DC Open Circuit Voltage—
Ground Start
VOCTO
IRING<ILIM; VRING wrt ground
VOC = 48 V
–4
—
4
V
DC Output Resistance—
Ground Start
RROTO
IRING<ILIM; RING to ground
—
160
—
Ω
DC Output Resistance—
Ground Start
RTOTO
TIP to ground
150
—
—
k
Ω
Loop Closure/Ring Ground
Detect Threshold Accuracy
ITHR = 11.43 mA
–20
—
20
%
Ring Trip Threshold
Accuracy
ITHR = 40.64 mA
–10
—
10
%
Ring Trip Response Time
User Programmable Register 70
and Indirect Register 23
———
Ring Amplitude
VTR
5 REN load; sine wave;
RLOOP = 160 Ω, VBAT = –75 V
44
—
—
Vrms
Ring DC Offset
ROS
Programmable in Indirect
Register 6
0—
—
V
Trapezoidal Ring Crest
Factor Accuracy
Crest factor = 1.3
–.05
—
.05
Sinusoidal Ring Crest
Factor
RCF
1.35
—
1.45
Ringing Frequency Accuracy
f = 20 Hz
–1
—
1
%
Ringing Cadence Accuracy
Accuracy of ON/OFF Times
–50
—
50
ms
Calibration Time
↑CAL to ↓CAL Bit
—
—
600
ms
Power Alarm Threshold
Accuracy
At Power Threshold = 300 mW
–25
—
25
%
*Note:
DC resistance round trip; 160
Ω corresponds to 2 kft 26 gauge AWG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com