Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 28Page - Silicon Laboratories SI3233 Datasheet HTML 29Page - Silicon Laboratories SI3233 Datasheet HTML 30Page - Silicon Laboratories SI3233 Datasheet HTML 31Page - Silicon Laboratories SI3233 Datasheet HTML 32Page - Silicon Laboratories SI3233 Datasheet HTML 33Page - Silicon Laboratories SI3233 Datasheet HTML 34Page - Silicon Laboratories SI3233 Datasheet HTML 35Page - Silicon Laboratories SI3233 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
Si3233
32
Preliminary Rev. 0.5
Linefeed Shadow register (direct Register 64). The data
then feeds into a programmable digital low pass filter,
which removes unwanted ac signal components before
threshold detection.
The output of the low pass filter is compared to a
programmable threshold, RPTP (indirect Register 16).
The threshold comparator output feeds a programmable
debouncing filter. The output of the debouncing filter
remains in its present state unless the input remains in
the opposite state for the entire period of time
programmed by the ring trip debounce interval,
RTDI[6:0] (direct Register 70). If the debounce interval
has been satisfied, the RTP bit of direct Register 68 will
be set to indicate that a valid ring trip has occurred. A
ring trip interrupt is generated if enabled by the RTIE bit
(direct Register 22). Table 27 lists the registers that
must be written or monitored to correctly detect a ring
trip condition.
The recommended values for RPTP, NRTP, and RTDI
vary according to the programmed ringing frequency.
Register values for various ringing frequencies are
given in Table 28.
Figure 14. Ring Trip Detector
LCS
ISP_OUT
LFS
NRTP
RPTP
RTDI
Input
Signal
Processor
Digital
LPF
Ring Trip
Threshold
Debounce
Filter
+
–
RTP
RTIP
RTIE
Interrupt
Logic
DBIRAW
Table 27. Associated Registers for Ring Trip Detection
Parameter
Register
Location
Ring Trip Interrupt Pending
RTIP
Direct Register 19
Ring Trip Interrupt Enable
RTIE
Direct Register 22
Ring Trip Detect Debounce Interval
RTDI[6:0]
Direct Register 70
Ring Trip Threshold
RPTP[5:0]
Indirect Register 16
Ring Trip Filter Coefficient
NRTP[12:0]
Indirect Register 23
Ring Trip Detect Status (monitor only)
RTP
Direct Register 68
Note:
The ProSLIC uses registers that are both directly and indirectly mapped. A “direct” register is one that is mapped
directly. An “indirect” register is one that is accessed using the indirect access registers (direct registers 28 through
31).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com