Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 18Page - Silicon Laboratories SI3233 Datasheet HTML 19Page - Silicon Laboratories SI3233 Datasheet HTML 20Page - Silicon Laboratories SI3233 Datasheet HTML 21Page - Silicon Laboratories SI3233 Datasheet HTML 22Page - Silicon Laboratories SI3233 Datasheet HTML 23Page - Silicon Laboratories SI3233 Datasheet HTML 24Page - Silicon Laboratories SI3233 Datasheet HTML 25Page - Silicon Laboratories SI3233 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
Si3233
22
Preliminary Rev. 0.5
Figure 9. Loop Closure Detection
2.2.6. Loop Closure Detection
A loop closure event signals that the terminal equipment
has gone off-hook during on-hook transmission or on-
hook active states. The ProSLIC performs loop closure
detection digitally using its on-chip monitor A/D
converter. The functional blocks required to implement
loop closure detection are shown in Figure 9. The
primary input to the system is the Loop Current Sense
value provided in the LCS register (direct Register 79).
The LCS value is processed in the Input Signal
Processor when the ProSLIC is in the on-hook
transmission or on-hook active linefeed state, as
indicated by the Linefeed Shadow register, LFS[2:0]
(direct Register 64). The data then feeds into a
programmable digital low-pass filter, which removes
unwanted ac signal components before threshold
detection.
The output of the low-pass filter is compared to a
programmable threshold, LCRT (indirect register 15).
The threshold comparator output feeds a programmable
debouncing filter. The output of the debouncing filter
remains in its present state unless the input remains in
the opposite state for the entire period of time
programmed by the loop closure debounce interval,
LCDI (direct Register 69). If the debounce interval has
been satisfied, the LCR bit will be set to indicate that a
valid loop closure has occurred. A loop closure interrupt
is generated if enabled by the LCIE bit (direct
Register 22). Table 23 lists the registers that must be
written or monitored to correctly detect a loop closure
condition.
2.2.7. Loop Closure Threshold Hysteresis
Programmable hysteresis to the loop closure threshold
can be enabled by setting HYSTEN = 1 (direct
Register 108, bit 0). The hysteresis is defined by LCRT
(indirect Register 15) and LCRTL (indirect Register 66),
which set the upper and lower bounds, respectively.
Power Alarm Interrupt Enable
Bits 2 to 7 corre-
spond to Q1 to Q6,
respectively
N/A
QnAE[n+1],
where n = 1 to 6
Direct Register 22
Power Alarm
Automatic/Manual Detect
0 = manual mode
1 = enter open state
upon power alarm
N/A
AOPN
Direct Register 67
*Note:
The ProSLIC uses registers that are both directly and indirectly mapped. A “direct” register is one that is mapped
directly. An “indirect” register is one that is accessed using the indirect access registers (direct registers 28 through
31).
Table 22. Associated Power Monitoring and Power Fault Registers (Continued)
ISP_OUT
NCLR
LCDI
Input
Signal
Processor
Digital
LPF
Loop Closure
Threshold
Debounce
Filter
+
–
LCR
LCIP
LCIE
Interrupt
Logic
LCS
LVS
LCVE
LFS
LCRTL
LCRT
HYSTEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com