Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 14Page - Silicon Laboratories SI3233 Datasheet HTML 15Page - Silicon Laboratories SI3233 Datasheet HTML 16Page - Silicon Laboratories SI3233 Datasheet HTML 17Page - Silicon Laboratories SI3233 Datasheet HTML 18Page - Silicon Laboratories SI3233 Datasheet HTML 19Page - Silicon Laboratories SI3233 Datasheet HTML 20Page - Silicon Laboratories SI3233 Datasheet HTML 21Page - Silicon Laboratories SI3233 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
Si3233
18
Preliminary Rev. 0.5
2. Functional Description
The Si3233 ProSLIC® is a feature-rich low-voltage
CMOS device that provides all the SLIC, DTMF, and
signal generation functions needed for a complete
analog telephone interface when connected to an
external codec. The ProSLIC performs all battery,
overvoltage, ringing, supervision, and test functions.
Unlike most monolithic SLICs, the Si3233 does not
require
externally
supplied
high-voltage
battery
supplies. It generates all necessary battery voltages
from a positive dc supply using its own dc-dc converter
controller. Two fully programmable tone generators can
produce DTMF tones, phase continuous FSK (caller ID)
signaling, and call progress tones. The Si3201 linefeed
interface IC performs all high voltage functions. The
Si3201 can also be replaced with low-cost discrete
circuits as shown in the typical application in Figure 6.
The Si3233 is designed to be used with Broadcom
devices
such
as
BCM1101,
BCM3351/52,
and
BCM6352. Special directions are required to interface
the Si3233 to other devices. Please contact Silicon
Laboratories for guidance.
The linefeed provides programmable on-hook voltage,
programmable off-hook loop current, reverse battery
operation, loop or ground start operation, and on-hook
transmission ringing voltage. Loop current and voltage
are continuously monitored using an integrated A/D
converter. Balanced 5 REN ringing with or without a
programmable dc offset is supported. Programmable
offset, frequency, waveshape, and cadence allow the
Si3233 to ring the widest variety of terminal devices and
to reduce external controller requirements.
2.1. Si3230 to Si3233 Differences
The hardware and software differences between the
Si3230 and the Si3233 are highlighted below for
customers migrating designs from the Si3230 to the
Si3233.
2.1.1. Hardware Changes
The Si3233 adds China and Japan impedances. See
"2.6. Two-Wire Impedance Matching" on page 34.
Pulse metering and DTMF detection are removed
from the Si3233.
External resistors R8 and R9 are changed from
470
Ω to 4.7 kΩ. See the typical application circuits
in Figure 3 on page 12 and Figure 6 on page 15.
The Si3233 adds PLL free-run mode. PLL free-run
mode is described in Section "2.8. PLL Free-run
Operation" on page 34.
2.1.2. Software Changes
The sample rate for the two-tone oscillators has
changed from 8 kHz to 16 kHz, therefore, the audio
tone coefficient equation has changed. See "2.4.2.
Oscillator Frequency and Amplitude" on page 27 for
a complete description.
The Si3233 provides an automatic calibration routine
for gain mismatch. Manual calibration is not
required. Refer to "AN35: Si321x User's Quick
Reference Guide".
The Indirect Registers have been re-mapped. When
porting code from the Si3230 to the Si3233, the
indirect register access function needs to be
modified. See"4. Indirect Registers" on page 85.
2.2. Linefeed Interface
The ProSLIC’s linefeed interface offers a rich set of
features and programmable flexibility to meet the
broadest application requirements. The dc linefeed
characteristics are software programmable; key current,
voltage, and power measurements are acquired in
realtime and provided in software registers.
2.2.1. DC Feed Characteristics
The ProSLIC has programmable constant voltage and
constant current zones as depicted in Figure 8. Open
circuit TIP-to-RING voltage (VOC) defines the constant
voltage zone and is programmable from 0 V to 94.5 V in
1.5 V steps. The loop current limit (ILIM) defines the
constant current zone and is programmable from 20 mA
to 41 mA in 3 mA steps. The ProSLIC has an inherent
dc output resistance (RO) of 160 Ω.
Figure 8. Simplified DC Current/Voltage
Linefeed Characteristic
The TIP-to-RING voltage (VOC) is offset from ground by
a programmable voltage (VCM) to provide voltage
headroom to the positive-most terminal (TIP in forward
polarity states and RING in reverse polarity states) for
carrying audio signals. Table 19 summarizes the
parameters to be initialized before entering an active
state.
V
(TIP-RING) (V )
V
OC
Constant
Voltage
Zone
R
O=160 Ω
Constant Current
Zone
I
LIM
I
LOOP(m A )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com