Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 30 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 26Page - Silicon Laboratories SI3233 Datasheet HTML 27Page - Silicon Laboratories SI3233 Datasheet HTML 28Page - Silicon Laboratories SI3233 Datasheet HTML 29Page - Silicon Laboratories SI3233 Datasheet HTML 30Page - Silicon Laboratories SI3233 Datasheet HTML 31Page - Silicon Laboratories SI3233 Datasheet HTML 32Page - Silicon Laboratories SI3233 Datasheet HTML 33Page - Silicon Laboratories SI3233 Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
Si3233
30
Preliminary Rev. 0.5
When the ringing state is invoked by writing
LF[2:0] = 100 (direct Register 64), the ProSLIC will go
into the ringing state and start the first ring. At the
expiration of RAT, the ProSLIC will turn off the ringing
waveform and will go to the on-hook transmission state.
At the expiration of RIT, ringing will again be initiated.
This process will continue as long as the two timers are
enabled and the Linefeed Control register is set to the
ringing state.
2.5.2. Sinusoidal Ringing
To configure the ProSLIC for sinusoidal ringing, the
frequency and amplitude are initialized by writing to the
following indirect registers: RCO, RNGX, and RNGY.
The equations for RCO, RNGX, RNGY are as follows:
where
and f = desired ringing frequency in hertz.
In selecting a ringing amplitude, the peak TIP-to-RING
ringing voltage must be greater than the selected on-
hook line voltage setting (VOC, direct Register 72). For
example, to generate a 70 VPK 20 Hz ringing signal, the
equations are as follows:
In addition, the user must select the sinusoidal ringing
waveform by writing TSWS = 0 (direct Register 34,
bit 0).
2.5.3. Trapezoidal Ringing
In addition to the sinusoidal ringing waveform, the
ProSLIC
supports
trapezoidal
ringing.
Figure 13
illustrates a trapezoidal ringing waveform with offset
VROFF.
Figure 13. Trapezoidal Ringing Waveform
To configure the ProSLIC for trapezoidal ringing, the
user should follow the same basic procedure as in the
Sinusoidal Ringing section, but using the following
equations:
RCO is a value which is added or subtracted from the
waveform to ramp the signal up or down in a linear
fashion. This value is a function of rise time, period, and
amplitude, where rise time and period are related
through the following equation for the crest factor of a
trapezoidal waveform.
Ringing amplitude
0 to 94.5 V
RNGX[15:0]
Indirect Register 8
Ringing initial phase
Sets initial phase for
sinewave and period
for
trapezoid
RNGY[15:0]
Indirect Register 9
Common Mode Bias Adjust During Ringing
0 to 22.5 V
VCMR[3:0]
Indirect Register 27
Note:
The ProSLIC uses registers that are both directly and indirectly mapped. A “direct” register is one that is mapped
directly. An “indirect” register is one that is accessed using the indirect access registers (direct registers 28 through
31).
Table 26. Registers for Ringing Generation (Continued)
RCO
coeff
2
15
()
×
=
coeff
2
πf
1000 Hz
-----------------------
⎝⎠
⎛⎞
cos
=
RNGX
1
4
---
1coeff
–
1coeff
+
------------------------
×
2
15
×
Desired VPK 0to94.5 V
()
96 V
------------------------------------------------------------------------
×
=
RNGY
0
=
coeff
2
π 20
×
1000 Hz
-----------------------
⎝⎠
⎛⎞
0.99211
=
cos
=
RCO
0.99211
2
15
()
×
32509
7EFDh
==
=
RNGX
1
4
---
0.00789
1.99211
---------------------
×
2
15
×
70
96
------
×
376
0177h
=
=
=
RNGY
0
=
time
VROFF
T=1/freq
tRISE
VTIP-RING
RNGY
1
2
--- Period
×
8000
×
=
RNGX
Desired VPK
96 V
-----------------------------------
2
15
()
×
=
RCO
2 RNGX
×
tRISE 8000
×
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com