Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 85 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 85 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 81Page - Silicon Laboratories SI3233 Datasheet HTML 82Page - Silicon Laboratories SI3233 Datasheet HTML 83Page - Silicon Laboratories SI3233 Datasheet HTML 84Page - Silicon Laboratories SI3233 Datasheet HTML 85Page - Silicon Laboratories SI3233 Datasheet HTML 86Page - Silicon Laboratories SI3233 Datasheet HTML 87Page - Silicon Laboratories SI3233 Datasheet HTML 88Page - Silicon Laboratories SI3233 Datasheet HTML 89Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
Si3233
Preliminary Rev. 0.5
85
4. Indirect Registers
Indirect registers are not directly mapped into memory but are accessible through the IDA and IAA registers. A
write to IDA followed by a write to IAA is interpreted as a write request to an indirect register. In this case, the
contents of IDA are written to indirect memory at the location referenced by IAA at the next indirect register update.
A write to IAA without first writing to IDA is interpreted as a read request from an indirect register. In this case, the
value located at IAA is written to IDA at the next indirect register update. Indirect registers are updated at a rate of
16 kHz. For pending indirect register transfers, IAS (direct Register 31) will be one until serviced. In addition an
interrupt, IND (Register 20), can be generated upon completion of the indirect transfer.
All values are represented in twos-complement format.
Note:
The values of all indirect registers are undefined following the reset state.
4.1. Oscillators
See functional description sections of tone generation, ringing, and pulse metering for guidelines on computing
register values. All values are represented in twos-complement format.
Note:
The values of all indirect registers are undefined following the reset state. Shaded areas denote bits that can be read
and written but should be written to zeroes.
Table 30. Si3230 to Si3233 Indirect Register Cross Reference
Si3230
Indirect
Register
Si3233
Indirect
Register
Indirect
Register
Name
Si3230
Indirect
Register
Si3233
Indirect
Register
Indirect
Register
Name
Si3230
Indirect
Register
Si3233
Indirect
Register
Indirect
Register
Name
13
0
OSC1
27
14
ADCG
38
25
NQ34
14
1
OSC1X
28
15
LCRT
39
26
NQ56
15
2
OSC1Y
29
16
RPTP
40
27
VCMR
16
3
OSC2
30
17
CML
41
64
VMIND
17
4
OSC2X
31
18
CMH
43
66
LCRTL
18
5
OSC2Y
32
19
PPT12
99
69
FSK0X
19
6
ROFF
33
20
PPT34
100
70
FSK0
20
7
RCO
34
21
PPT56
101
71
FSK1X
21
8
RNGX
35
22
NCLR
102
72
FSK1
22
9
RNGY
36
23
NRTP
103
73
FSK01
26
13
DACG
37
24
NQ12
104
74
FSK10
Table 31. Oscillator Indirect Registers Summary
Addr D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
OSC1[15:0]
1
OSC1X[15:0]
2
OSC1Y[15:0]
3
OSC2[15:0]
4
OSC2X[15:0]
5
OSC2Y[15:0]
6
ROFF[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com