Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 93 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 93 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 89Page - Silicon Laboratories SI3233 Datasheet HTML 90Page - Silicon Laboratories SI3233 Datasheet HTML 91Page - Silicon Laboratories SI3233 Datasheet HTML 92Page - Silicon Laboratories SI3233 Datasheet HTML 93Page - Silicon Laboratories SI3233 Datasheet HTML 94Page - Silicon Laboratories SI3233 Datasheet HTML 95Page - Silicon Laboratories SI3233 Datasheet HTML 96Page - Silicon Laboratories SI3233 Datasheet HTML 97Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 100 page
background image
Si3233
Preliminary Rev. 0.5
93
28
TEST1
Test.
Enables test modes for Silicon Labs internal testing. This pin should always be tied to
ground for normal operation.
29
DCFF
DC Feed-Forward/High Current General Purpose Output.
Feed-forward drive of external bipolar transistors to improve dc-dc converter efficiency.
30
DCDRV
DC Drive/Battery Switch.
DC-DC converter control signal output which drives external bipolar transistor. Battery
switch control signal output which drives external bipolar transistor.
31
SDITHRU SDI Passthrough.
Cascaded SDI output signal for daisy-chain mode.
32
SDO
Serial Port Data Out.
Serial port control data output.
33
SDI
Serial Port Data In.
Serial port control data input.
34
SCLK
Serial Port Bit Clock Input.
Serial port clock input. Controls the serial data on SDO and latches the data on SDI.
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com