Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 94 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 94 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 90Page - Silicon Laboratories SI3233 Datasheet HTML 91Page - Silicon Laboratories SI3233 Datasheet HTML 92Page - Silicon Laboratories SI3233 Datasheet HTML 93Page - Silicon Laboratories SI3233 Datasheet HTML 94Page - Silicon Laboratories SI3233 Datasheet HTML 95Page - Silicon Laboratories SI3233 Datasheet HTML 96Page - Silicon Laboratories SI3233 Datasheet HTML 97Page - Silicon Laboratories SI3233 Datasheet HTML 98Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
Si3233
94
Preliminary Rev. 0.5
6. Pin Descriptions: Si3201
Pin #
Name
Input/
Output
Description
1
TIP
I/O
TIP Output—Connect to the TIP lead of the subscriber loop.
2, 6, 9, 12
NC
—
No Internal Connection—Do not connect to any electrical signal.
3
RING
I/O
RING Output—Connect to the RING lead of the subscriber loop.
4VBAT
—
Operating Battery Voltage—Connect to the battery supply.
5VBATH
—
High Battery Voltage—This pin is internally connected to VBAT.
7GND
—
Ground—Connect to a low impedance ground plane.
8VDD
—
Supply Voltage—Main power supply for all internal circuitry. Connect to a
3.3 V or 5 V supply. Decouple locally with a 0.1
µF/6 V capacitor.
10
SRINGE
O
RING Emitter Sense Output—Connect to the SRINGE pin of the Si321x
pin.
11
STIPE
O
TIP Emitter Sense Output—Connect to the STIPE pin of the Si321x pin.
13
IRINGN
I
Negative RING Current Control—Connect to the IRINGN lead of the
Si321x.
14
IRINGP
I
Positive RING Current Drive—Connect to the IRINGP lead of the Si321x.
15
ITIPN
I
Negative TIP Current Control—Connect to the ITIPN lead of the Si321x.
16
ITIPP
I
Positive TIP Current Control—Connect to the ITIPP lead of the Si321x.
Bottom-Side
Exposed Pad
—
Exposed Thermal Pad—Connect to the bulk ground plane.
116
215
314
413
512
611
710
89
ITIPP
IRINGP
IRINGN
NC
STIPE
SRINGE
NC
ITIPN
TIP
NC
RING
VBATH
GND
NC
VDD
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com