Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 4Page - Silicon Laboratories SI3233 Datasheet HTML 5Page - Silicon Laboratories SI3233 Datasheet HTML 6Page - Silicon Laboratories SI3233 Datasheet HTML 7Page - Silicon Laboratories SI3233 Datasheet HTML 8Page - Silicon Laboratories SI3233 Datasheet HTML 9Page - Silicon Laboratories SI3233 Datasheet HTML 10Page - Silicon Laboratories SI3233 Datasheet HTML 11Page - Silicon Laboratories SI3233 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
Si3233
8
Preliminary Rev. 0.5
Table 5. Monitor ADC Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for F-Grade, –40 to 85°C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Differential Nonlinearity
(6-bit resolution)
DNLE
–1/2
—
1/2
LSB
Integral Nonlinearity
(6-bit resolution)
INLE
–1
—
1
LSB
Gain Error (voltage)
—
—
10
%
Gain Error (current)
—
—
20
%
Table 6. Si3233 DC Characteristics, VDDA =VDDD =5.0 V
(VDDA,VDDD = 4.75 V to 5.25 V, TA = 0 to 70°C for F-Grade, –40 to 85°C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
0.7 x VDDD
——
V
Low Level Input Voltage
VIL
——
0.3 x VDDD
V
High Level Output Voltage
VOH
SDITHRU: IO =–4 mA
SDO: IO =–8mA
VDDD – 0.6
—
—
V
Low Level Output Voltage
VOL
SDITHRU: IO =4mA
SDO,INT: IO =8mA
——
0.4
V
Input Leakage Current
IL
–10
—
10
µA
Table 7. Si3233 DC Characteristics, VDDA =VDDD =3.3 V
(VDDA,VDDD = 3.13 V to 3.47 V, TA = 0 to 70°C for F-Grade, –40 to 85°C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
0.7 x VDDD
——
V
Low Level Input Voltage
VIL
——
0.3 x VDD
D
V
High Level Output Voltage
VOH
SDITHRU: IO = –2 mA
SDO: IO = –4 mA
VDDD – 0.6
—
—
V
Low Level Output Voltage
VOL
SDITHRU: IO = 2 mA
SDO,INT: IO = 4 mA
——
0.4
V
Input Leakage Current
IL
–10
—
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com