Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 44 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 44 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 40Page - Silicon Laboratories SI3233 Datasheet HTML 41Page - Silicon Laboratories SI3233 Datasheet HTML 42Page - Silicon Laboratories SI3233 Datasheet HTML 43Page - Silicon Laboratories SI3233 Datasheet HTML 44Page - Silicon Laboratories SI3233 Datasheet HTML 45Page - Silicon Laboratories SI3233 Datasheet HTML 46Page - Silicon Laboratories SI3233 Datasheet HTML 47Page - Silicon Laboratories SI3233 Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
Si3233
44
Preliminary Rev. 0.5
Reset settings = 0000_1000
Register 10. Two-Wire Impedance Synthesis Control
Bit
D7D6D5D4D3D2
D1
D0
Name
CLC[1:0]
TISE
TISS[2:0]
Type
R/W
R/W
R/W
Bit
Name
Function
7:6
Reserved
Read returns zero.
5:4
CLC[1:0]
Line Capacitance Compensation.
00 = Off
01 = 4.7 nF
10 = 10 nF
11 = Reserved
3TISE
Two-Wire Impedance Synthesis Enable.
0 = Two-wire impedance synthesis disabled.
1 = Two-wire impedance synthesis enabled.
2:0
TISS[2:0]
Two-Wire Impedance Synthesis Selection.
000 = 600
Ω
001 = 900
Ω
010 = Japan (600
Ω + 1 µF); requires RZREF =12kΩ and
C3, C4 = 100 nF
011 = 900
Ω + 2.16 µF; requires RZREF =18kΩ and
C3, C4 = 220 nF
100 = CTR21 270
Ω + (750 Ω || 150 nF)
101 = Australia/New Zealand 220
Ω + (820 Ω || 120 nF)
110 = Slovakia/Slovenia/South Africa 220
Ω + (820 Ω || 115 nF)
111 = China 200
Ω + (680 Ω || 100 nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com