Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 38 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 38 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 34Page - Silicon Laboratories SI3233 Datasheet HTML 35Page - Silicon Laboratories SI3233 Datasheet HTML 36Page - Silicon Laboratories SI3233 Datasheet HTML 37Page - Silicon Laboratories SI3233 Datasheet HTML 38Page - Silicon Laboratories SI3233 Datasheet HTML 39Page - Silicon Laboratories SI3233 Datasheet HTML 40Page - Silicon Laboratories SI3233 Datasheet HTML 41Page - Silicon Laboratories SI3233 Datasheet HTML 42Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
Si3233
38
Preliminary Rev. 0.5
3. Control Registers
Indirect registers are accessed through direct registers 28 through 31. Instructions on how to access them is
described in “4. Indirect Registers” beginning on page 85.
Note:
Any register not listed here is reserved and must not be written.
Table 29. Direct Register Summary
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Setup
0
SPI Mode Select
SPIDC
SPIM
PNI[1:0]
RNI[3:0]
Audio
9
Audio Gain Control
ARX[1:0]
10
Two-Wire Impedance
Synthesis Control
CLC[1:0]
TISE
TISS[2:0]
11
Reserved
Powerdown
14
Power Down Control 1
DCOF
PFR
BIASOF SLICOF
15
Power Down Control 2
DACM
DACON
GMM
GMON
Interrupts
18
Interrupt Status 1
PMIP
PMAP
RGIP
RGAP
O2IP
O2AP
O1IP
O1AP
19
Interrupt Status 2
Q6AP
Q5AP
Q4AP
Q3AP
Q2AP
Q1AP
LCIP
RTIP
20
Interrupt Status 3
CMCP
INDP
DTMFP
21
Interrupt Enable 1
PMIE
PMAE
RGIE
RGAE
O2IE
O2AE
O1IE
O1AE
22
Interrupt Enable 2
Q6AE
Q5AE
Q4AE
Q3AE
Q2AE
Q1AE
LCIE
RTIE
23
Interrupt Enable 3
CMCE
INDE
DTMFE
Indirect Register Access
28
Indirect Data Access—
Low Byte
IDA[7:0]
29
Indirect Data Access—
High Byte
IDA[15:8]
30
Indirect Address
IAA[7:0]
31
Indirect Address Status
IAS
Oscillators
32
Oscillator 1 Control
OSS1
REL
OZ1
O1TAE
O1TIE
O1E
O1SO[1:0]
33
Oscillator 2 Control
OSS2
OZ2
O2TAE
O2TIE
O2E
O2SO[1:0]
34
Ringing Oscillator
Control
RSS
RDAC
RTAE
RTIE
ROE
RVO
TSWS
36
Oscillator 1 Active
Timer—Low Byte
OATI[7:0]
37
Oscillator 1 Active
Timer—High Byte
OAT1[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com