Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 25 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 25 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 21Page - Silicon Laboratories SI3233 Datasheet HTML 22Page - Silicon Laboratories SI3233 Datasheet HTML 23Page - Silicon Laboratories SI3233 Datasheet HTML 24Page - Silicon Laboratories SI3233 Datasheet HTML 25Page - Silicon Laboratories SI3233 Datasheet HTML 26Page - Silicon Laboratories SI3233 Datasheet HTML 27Page - Silicon Laboratories SI3233 Datasheet HTML 28Page - Silicon Laboratories SI3233 Datasheet HTML 29Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
Si3233
Preliminary Rev. 0.5
25
is desired since the regulator output voltage has long settling time constants (on the order of tens of milliseconds)
and cannot change rapidly for TRACK = 1 mode. Therefore, the brief on-hook voltage measurement would yield
approximately the same voltage as the off-hook line voltage and would cause the terminal equipment to incorrectly
sense another off-hook terminal.
Figure 10. VTIP, VRING, and VBAT in the Forward Active State
Table 24. Associated Relevant DC-DC Converter Registers
Parameter
Range
Resolution
Register Bit
Location
DC-DC Converter Power-off
Control
n/a
n/a
DCOF
Direct Register 14
DC-DC Converter Calibration
Enable/Status
n/a
n/a
DCCAL
Direct Register 93
DC-DC Converter PWM Period
0 to 15.564 us
61.035 ns
DCN[7:0]
Direct Register 92
DC-DC Converter Min. Off Time
(0 to 1.892 us) +
4 clock cycles
61.035 ns
DCTOF[4:0]
Direct Register 93
High Battery Voltage—VBATH
0 to –94.5 V
1.5 V
VBATH[5:0]
Direct Register 74
Low Battery Voltage—VBATL
0 to –94.5 V
1.5 V
VBATL[5:0]
Direct Register 75
VOV
0 to –9 V or
0 to –13.5 V
1.5 V
VMIND[3:0]
VOV
Indirect Register 64
Direct Register 66
Note:
The ProSLIC uses registers that are both directly and indirectly mapped. A “direct” register is one that is mapped
directly. An “indirect” register is one that is accessed using the indirect access registers (direct registers 28 through
31).
Constant I Region
Constant V Region
V
OC
I
LIM
V
CM
V
OC
V
OV
V
OV
V
RING
V
BAT
V
BATL
R
LOOP
V
V
TIP
TRA
CK=
1
TRACK=0
|V
TIP - VRING|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com