Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 97 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 97 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 92Page - Silicon Laboratories SI3233 Datasheet HTML 93Page - Silicon Laboratories SI3233 Datasheet HTML 94Page - Silicon Laboratories SI3233 Datasheet HTML 95Page - Silicon Laboratories SI3233 Datasheet HTML 96Page - Silicon Laboratories SI3233 Datasheet HTML 97Page - Silicon Laboratories SI3233 Datasheet HTML 98Page - Silicon Laboratories SI3233 Datasheet HTML 99Page - Silicon Laboratories SI3233 Datasheet HTML 100Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
Si3233
Preliminary Rev. 0.5
97
9. Package Outline: 16-Pin SOIC
Figure 20 illustrates the package details for the Si3201. Table 40 lists the values for the dimensions shown in the
illustration.
Figure 20. 16-pin Small Outline Integrated Circuit (SOIC) Package
Table 40. Package Diagram Dimensions
Symbol
Millimeters
Min
Max
A1.35
1.75
A1
0
0.15
B.33
.51
C.19
.25
D
9.80
10.00
E3.80
4.00
e
1.27 BSC
H5.80
6.20
h.25
.50
L
.40
1.27
γ
—0.10
θ
0º
8º
E
H
A1
B
C
h
L
θ
e
See Detail F
Detail F
A
16
9
8
1
D
Seating Plane
γ
Bottom Side
Exposed Pad
2.3 x 3.6 mm
Weight: Approximate device weight is 0.15 grams.
–C–
–A–
–B–
.25 M C A M B S
.25 M B M
x45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com