Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 26 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 26 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 22Page - Silicon Laboratories SI3233 Datasheet HTML 23Page - Silicon Laboratories SI3233 Datasheet HTML 24Page - Silicon Laboratories SI3233 Datasheet HTML 25Page - Silicon Laboratories SI3233 Datasheet HTML 26Page - Silicon Laboratories SI3233 Datasheet HTML 27Page - Silicon Laboratories SI3233 Datasheet HTML 28Page - Silicon Laboratories SI3233 Datasheet HTML 29Page - Silicon Laboratories SI3233 Datasheet HTML 30Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
Si3233
26
Preliminary Rev. 0.5
2.3.6. DC-DC Converter During Ringing
When the ProSLIC enters the ringing state, it requires
voltages well above those used in the active mode. The
voltage to be generated and regulated by the dc-dc
converter during a ringing burst is set using the VBATH
register (direct Register 74). VBATH can be set between
0 and –94.5 V in 1.5 V steps. To avoid clipping the
ringing signal, VBATH must be set larger than the
ringing amplitude. At the end of each ringing burst the
dc-dc converter switches back to active state regulation
as described above.
2.4. Tone Generation
Two digital tone generators are provided in the ProSLIC.
They allow the generation of a wide variety of single or
dual tone frequency and amplitude combinations and
spare the user the effort of generating the required
POTS signaling tones on the PCM highway. DTMF, FSK
(caller ID), call progress, and other tones can all be
generated on-chip.
2.4.1. Tone Generator Architecture
A simplified diagram of the tone generator architecture
is shown in Figure 11. The oscillator, active/inactive
timers, interrupt block, and signal routing block are
connected to give the user flexibility in creating audio
signals. Control and status register bits are placed in the
figure to indicate their association with the tone
generator architecture. These registers are described in
more detail in Table 25.
Figure 11. Simplified Tone Generator Diagram
OZn
OSSn
*Tone Generator 1 Only
n = "1" or "2" for Tone Generator 1 and 2, respectively
Two-Pole
Resonance
Oscillator
16-Bit
Modulo
Counter
OATn
OITn
OITnE
OATnE
OSCn
OSCnY
OSCnX
Load
Logic
Zero
Cross
Logic
Signal
Routing
OnSO
to RX Path
INT
Logic
OnIP
OnIE
OnAP
OnAE
REL*
Register
Load
Enable
16 kHz
Clock
Zero Cross
OnE
OAT
Expire
OIT
Expire
8 kHz
Clock
INT
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com