Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 16Page - Silicon Laboratories SI3233 Datasheet HTML 17Page - Silicon Laboratories SI3233 Datasheet HTML 18Page - Silicon Laboratories SI3233 Datasheet HTML 19Page - Silicon Laboratories SI3233 Datasheet HTML 20Page - Silicon Laboratories SI3233 Datasheet HTML 21Page - Silicon Laboratories SI3233 Datasheet HTML 22Page - Silicon Laboratories SI3233 Datasheet HTML 23Page - Silicon Laboratories SI3233 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
Si3233
20
Preliminary Rev. 0.5
Table 20. ProSLIC Linefeed Operations
LF[2:0]*
Linefeed State
Description
000
Open
TIP and RING tri-stated.
001
Forward Active
VTIP > VRING.
010
Forward On-Hook Transmission
VTIP > VRING; audio signal paths powered on.
011
TIP Open
TIP tri-stated, RING active; used for ground start.
100
Ringing
Ringing waveform applied to TIP and RING.
101
Reverse Active
VRING > VTIP.
110
Reverse On-Hook Transmission
VRING > VTIP; audio signal paths powered on.
111
Ring Open
RING tri-stated, TIP active.
Note:
The Linefeed register (LF) is located in direct Register 64.
Table 21. Measured Realtime Linefeed Interface Characteristics
Parameter
Measurement
Range
Resolution
Register
Bits
Location*
Loop Voltage Sense (VTIP –
VRING)
–94.5 to +94.5 V
1.5 V
LVSP,
LVS[6:0]
Direct Register 78
Loop Current Sense
–78.75 to +78.5 mA
1.25 mA
LCSP,
LCS[5:0]
Direct Register 79
TIP Voltage Sense
0 to –95.88 V
0.376 V
VTIP[7:0]
Direct Register 80
RING Voltage Sense
0 to –95.88 V
0.376 V
VRING[7:0]
Direct Register 81
Battery Voltage Sense 1 (VBAT)
0 to –95.88 V
0.376 V
VBATS1[7:0]
Direct Register 82
Battery Voltage Sense 2 (VBAT)
0 to –95.88 V
0.376 V
VBATS2[7:0]
Direct Register 83
Transistor 1 Current Sense
0 to 81.35 mA
0.319 mA
IQ1[7:0]
Direct Register 84
Transistor 2 Current Sense
0 to 81.35 mA
0.319 mA
IQ2[7:0]
Direct Register 85
Transistor 3 Current Sense
0 to 9.59 mA
37.6 µA
IQ3[7:0]
Direct Register 86
Transistor 4 Current Sense
0 to 9.59 mA
37.6 µA
IQ4[7:0]
Direct Register 87
Transistor 5 Current Sense
0 to 80.58 mA
0.316 mA
IQ5[7:0]
Direct Register 88
Transistor 6 Current Sense
0 to 80.58 mA
0.316 mA
IQ6[7:0]
Direct Register 89
*Note:
The ProSLIC uses registers that are both directly and indirectly mapped. A “direct” register is one that is mapped
directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com