Electronic Components Datasheet Search
  English  ▼

X  

SI3233 Datasheet(PDF) 35 Page - Silicon Laboratories

Part # SI3233
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3233 Datasheet(HTML) 35 Page - Silicon Laboratories

Back Button SI3233 Datasheet HTML 31Page - Silicon Laboratories SI3233 Datasheet HTML 32Page - Silicon Laboratories SI3233 Datasheet HTML 33Page - Silicon Laboratories SI3233 Datasheet HTML 34Page - Silicon Laboratories SI3233 Datasheet HTML 35Page - Silicon Laboratories SI3233 Datasheet HTML 36Page - Silicon Laboratories SI3233 Datasheet HTML 37Page - Silicon Laboratories SI3233 Datasheet HTML 38Page - Silicon Laboratories SI3233 Datasheet HTML 39Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
Si3233
Preliminary Rev. 0.5
35
signal an interrupt to the interrupt control block. The
interrupt control block will then set the associated bit in
the interrupt status register if the enable bit for that
interrupt is set. The INT pin is a NOR of the bits of the
interrupt status registers. Therefore, if a bit in the
interrupt status registers is asserted, IRQ will assert low.
Upon receiving the interrupt, the interrupt handler
should read interrupt status registers to determine
which resource is requesting service. To clear a pending
interrupt, write the desired bit in the appropriate
interrupt status register to 1. Writing a 0 has no effect.
This provides a mechanism for clearing individual bits
when multiple interrupts occur simultaneously. While the
interrupt status registers are non-zero, the INT pin will
remain asserted.
2.10. Serial Peripheral Interface
The control interface to the ProSLIC is a 4-wire interface
modeled after commonly available micro-controller and
serial peripheral devices. The interface consists of a
clock (SCLK), chip select (CS), serial data input (SDI),
and serial data output (SDO). Data is transferred a byte
at a time with each register access consisting of a pair
of byte transfers. Figures 16 and 17 illustrate read and
write operation in the SPI bus.
The first byte of the pair is the command/address byte.
The MSB of this byte indicates register read when 1 and
a register write when 0. The remaining seven bits of the
command/address byte indicate the address of the
register to be accessed. The second byte of the pair is
the data byte. Because the falling edge of CS provides
resynchronization of the SPI state machine in the event
of a framing error, it is recommended (but not required)
that CS be taken high between byte transfers as shown
in Figures 16 and 17. During a read operation, the SDO
becomes active and the 8-bit contents of the register
are driven out MSB first. The SDO will be high
impedence on either the falling edge of SCLK following
the LSB, or the rising of CS as specified by the SPIM bit
(direct Register 0, bit 6). SDI is a “don’t care” during the
data portion of read operations. During write operations,
data is driven into the ProSLIC via the SDI pin MSB first.
The SDO pin will remain high impedance during write
operations. Data always transitions with the falling edge
of the clock and is latched on the rising edge. The clock
should return to a logic high when no transfer is in
progress.
There are a number of variations of usage on this four-
wire interface:
Continuous clocking. During continuous clocking,
the data transfers are controlled by the assertion of
the CS pin. CS must assert before the falling edge of
SCLK on which the first bit of data is expected during
a read cycle, and must remain low for the duration of
the 8-‘bit transfer (command/address or data).
SDI/SDO wired operation. Independent of the
clocking options described, SDI and SDO can be
treated as two separate lines or wired together if the
master is capable of tristating its output during the
data byte transfer of a read operation.
Daisy chain mode. This mode allows
communication with banks of up to eight ProSLIC
devices using one chip select signal. When the
SPIDC bit in the SPI Mode Select register is set,
data transfer mode changes to a 3-byte operation: a
chip select byte, an address/control byte, and a data
byte. Using the circuit shown in Figure 18, a single
device may select from the bank of devices by
setting the appropriate chip select bit to 1. Each
device uses the LSB of the chip select byte, shifts
the data right by one bit, and passes the chip select
byte using the SDITHRU pin to the next device in the
chain. Address/control and data bytes are unaltered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com