Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 38 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 38 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 34Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 35Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 36Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 37Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 38Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 39Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 40Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 41Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 42Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
•
Each supply is wired to one feed, either A, or B.
•
The recommended installation is to alternate A, B feeds. In a four supply system configuration, you
would wire ABAB, left to right.
•
All power supply slots must be filled with a powered supply (A or B), or a blank (X), or a non-
powered power supply.
For supervisor cooling purposes, all systems require a minimum number of operating power supplies
(see Power Supply Configurations ) at all times in the top half of the chassis. For optimal performance,
alternate pairs of power supplies (A and B) evenly from top to bottom (8 or more slot chassis).
Valid examples include:
•
AXAX Minimum Configuration supported, 2+0 (non-redundant)
•
ABAB 2+2 redundant
•
ABAB (Upper), AB (Lower) 3+3 redundancy
•
ABAB (Upper), ABAB (Lower) 4+4 redundancy
•
ABXXAB (Upper), ABXXAB (Lower) 4+4 redundancy (12-slot chassis)
•
ABABAB (Upper), ABABAB (Lower) 6+6 redundancy
•
AAAX for 3+0 or 2+1 redundancy, with the X anywhere
•
AAAA for 4+0 or 3+1 redundancy
•
ABABAB (Upper), ABABAB (Lower) 6+6 redundancy (12-Slot Chassis)
•
XABAX/XBABX (Upper), XABAX/XBABX (Lower) 6+6 redundancy (16-slot chassis)
•
BABAB/ABABA (Upper), BABAB/ABABA (Lower) 10+10 redundancy (16-slot chassis)
Each power supply includes a fan that maintains proper power supply temperature and cools the
supervisor modules. The following appendices display the location of the following component on all
switches described in this guide.
Front Panel displays the front panel location of the supervisor modules.
Rear Panel displays the rear panel location of power supplies and fabric modules.
Important: This unit requires over-current protection.
Cet appareil nécessite de protection contre les surintensités.
Important: Unused slots must be occupied or covered with a blank to ensure proper airflow
through the chassis.
Les emplacements inutilisés doivent être occupés ou recouvert d'un blanc pour assurer la
bonne circulation d'air dans le châssis.
4.9
Connecting Supervisor Cables
Supervisor modules contain console, management, and USB ports. Figure 24: Supervisor
DCS-7500E-SUP and Figure 25: Supervisor DCS-7500E-SUP 2 display port locations on the
supervisors.
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com