Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 48 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 48 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 44Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 45Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 46Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 47Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 48Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 49Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 50Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 51Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 52Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
Red
Line card has failed.
The line card provides LEDs for each port module socket:
•
Each LED corresponds to a module.
•
A set of four LEDs correspond to each module. When the module is programmed as a 40G port,
the first LED in the set reports status. When the module is programmed as four 10G or 100G ports,
each port is assigned to an LED within the set.
Table 13: Line Card Port LED States interprets the port LED states.
Table 13: Line Card Port LED States
LED State
Status
Off
Port link is down.
Green
Port link is up.
Yellow
Port is disabled in software.
A.3
Fabric Status Indicators
Fabric Status LEDs are on fan-fabric modules. Rear Panel display the position of these LEDs on the
rear of each switch. Figure 33: 7504N (left) and 7508N Fan Status and Fabric Status LEDs display fan
status and fabric status LEDs on the switch.
Note: Gen 1 Fabric modules are not supported.
Figure 33: 7504N (left) and 7508N Fan Status and Fabric Status LEDs
1 Fan status LED
3 Fabric status LED
2 Fabric status LED
4 Fan status LED
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com