Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 25 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 25 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 21Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 22Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 23Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 24Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 25Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 26Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 27Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 28Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 29Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
Rack Mounting the Switch
Figure 14: Left Rear Post Assembly and Shelf Support Orientation
1 Install all four screws in the back.
6. Lift the shelf above the shelf supports installed on the left and right rack posts (step 2 and step 3).
Align the holes and hook with the stubs on the brackets. Lower the shelf such that the shelf-
support-bracket stubs are inserted into the shelf holes and hook.
7. Rear: Fasten screws to all holes
•
Front: Fasten screws only where indicated with arrows (2x).
•
Rear: Fasten screws to all holes.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com