Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 24 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 24 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 20Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 21Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 22Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 23Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 24Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 25Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 26Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 27Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 28Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
Figure 13: Left Front Post Assembly
1 For threaded rack, remove the plastic alignment spacer and
use a 3 mm diameter alignment pin as shown.
2 Hook the alignment pin to the bottom hole of the 6th U from the
bottom.
4. Repeat Step 1 and Step 3 on the right front rack post, assembling the parts at the same vertical
level as those on the left rack post.
5. Attach the shelf support and back bracket to the left rear post. The shelf support must be
assembled at the same vertical level on the front and rear posts. An up arrow is printed on the shelf
support to indicate its proper orientation.
Unthreaded rack holes: Use the M6 screws and cage nuts supplied in the accessory kit.
Threaded rack holes: Attach the shelf support to the post with screws that thread into the rack
post.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com