Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 76 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 76 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 72Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 73Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 74Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 75Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 76Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 77Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 78Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 79Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 80Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
F.2.3
Installing Fabric Module
You must make space for installing the module by removing an existing one (Removing Fabric Module)
or removing a blank (Removing Fabric Module Blank) from a fabric module slot available on the switch.
Perform the following steps to install the module.
1. Put on a grounded, anti-static ESD strap.
2. Unpack the module to be installed.
3. Open the ejector handles and carefully slide the module into the open slot.
4. Seat the module with the ejector handles open at 90 degrees.
5. Close the ejector handles.
6. Screw in the two Phillips screws.
7. Verify that the module is operating normally (Power Supply Status Indicators).
8. Use the show environment cooling command to further verify normal operation.
F.2.4
Removing Service Provider 7500N Series Fan and Safety Guard
ESD GROUNDING STRAP ADDITION
This product must be grounded. Never defeat the ground conductor or operate the equipment in the
absence of a suitably installed ground conductor. Contact the appropriate electrical inspection authority
or an electrician if you are uncertain that suitable grounding is available. When installing or replacing
this product, the ground connection must always be made first and disconnected last, and the person
performing the task(s) must wear a grounded, ESD (anti-static) strap.
On 7500 series products, you must replace the entire fabric module to replace a fan.
•
For the 7504 and 7508, unscrew the two Phillips screws on the back of the fabric module. Rotate
the ejector handle(s) 90 degrees back to hard stops and pull the fabric module straight back to
remove. Install the replacement fabric module by first opening the ejector handle(s), then aligning
the module in its slot with the same orientation as the original, and sliding it into the slot in the
same orientation as the one removed. When the module is seated, rotate the ejector handle(s)
forward and fasten the Phillips screws.Do not overtighten Phillips screws.
•
For the 7512 the failed fan replacement requires the removal of the plastic safety guard in addition
to the fabric module. First, in the CLI console, enter the global configuration mode by issuing the
commands enable, then config, followed by env fan-speed override 100 to increase fan speeds.
Wait five minutes for the system to sufficiently cool. Unscrew the six captive screws on the outside
perimeter of the plastic safety guard. Set the safety guard aside. Fabric module removal and
reinstallation procedure is the same as the 7504/7508 instructions above. Caution, the 7512R fabric
module weighs more than 25lbs. Support module during handling. Reinstall plastic safety guard
and fasten the six captive screws. Issue the env fan-speed auto command in the CLI console for
normal operation.
F.3
Touch Point Shield (Optional)
F.3.1
Installing the Touch Point Shield
The 7512N supports an optional Touch Point Shield component that is attached to the rear of the
device. Perform the following steps to install the Touch Point Shield to the 7512N.
1. Attach the ground cable to the chassis.
Note: The ground cable should be attached so that it exits upwards to enable access to the
ESD port on the chassis. You may arc the ground cable downwards, if needed (Figure 48:
Installing the Touch Point Shield (7512N)).
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com