Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 13Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 14Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 15Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
Chapter
2
Preparation
The following topics are covered in this section:
•
Site Selection
•
Tools and Parts Required for Installation
•
Electrostatic Discharge (ESD) Precautions
2.1
Site Selection
The following criteria should be considered when selecting a site to install the switch:
•
Floor Space: Install the switch in an area that provides adequate clearance for removing front and
rear components.
Figure 1: Clearance Requirements and Footprint for Switches displays the dimensions and footprint of
the switch clearance requirements for the switches.
Figure 1: Clearance Requirements and Footprint for Switches
Table 3: Clearance Requirements and Footprint Dimensions shows the dimensions for each of the
modular switches.
Table 3: Clearance Requirements and Footprint Dimensions
Clearance Requirements Dimensions
Switch
A
B
C
DCS-7504N
60 cm (24 in.)
88.6 cm (34.9 in.)
36.8 cm (14.5 in.)
DCS-7508N
60 cm (24 in.)
88.6 cm (34.9 in.)
36.8 cm (14.5 in.)
DCS-7512N
60 cm (24 in.)
94.0 cm (37.0 in.)
50.8 cm (20.0 in.)
DCS-7516N
60 cm (24 in.)
94.8 cm (37.3 in.)
50.8 cm (20.0 in.)
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com