Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
Table 2: 7500N Series Power Specifications lists power specifications of modular switch components.
Table 2: 7500N Series Power Specifications
Module Type
Part Number
Power Draw (Typical / {Hot}
Maximum)
DCS-7500E-SUP
47 W / 87 W
DCS-7500-SUP2
80 W / 120 W
Supervisor Modules
DCS-7516-SUP
88 W / 130 W
DCS-7500E-36Q-LC
450 W / 556 W
DCS-7500E-72S-LC
212 W / 305 W
DCS-7500E-48S-LC
197 W / 285 W
DCS-7500E-12CM-LC
408 W / 495 W
DCS-7500E-6C2-LC
300 W / 320 W
DCS-7500E-12CQ-LC
414 W / 486 W
DCS-7500E-48T-LC
318 W / 332 W
DCS-7500R-36CQ-LC
758 W / 863W
DCS-7500R-36Q-LC
368 W / 406 W
DCS-7500R-48S2CQ-LC
202 W / 220 W
DCS-7500RM-36CQ-LC
944 W / 1040 W
DCS-7500R2-18CQ-LC
313 W / 350 W
DCS-7500R2-36CQ-LC
601 W / 654 W
DCS-7500R2A-36CQ-LC
830 W / 921 W
DCS-7500R2M-36CQ-LC
845 W / 941 W
DCS-7500R2AM-36CQ-LC
963 W / 1085 W
DCS-7500R2AK-36CQ-LC
830 W / 921 W
DCS-7500R2AK-48YCQ-LC
253 W / 276 W
DCS-7500R-8CFPX-LC
900 W / 1180 W
DCS-7500R3-36CQ-LC
410 W / 450 W
DCS-7500R3K-36CQ-LC
410 W / 450 W
DCS-7500R3-24P-LC
538 W / 558 W
Line Card Modules
DCS-7500R3-24D-LC
530 W / 550 W
DCS-7504E-FM
80 W / 105 W
DCS-7508E-FM
155 W / 195 W
DCS-7504R-FM
121 W / 163 W / 237 W
DCS-7508R-FM
224 W / 298 W / 433 W
DCS-7512R-FM
570 W / 680 W / 760 W
DCS-7516R-FM
570 W / 770 W / 1053 W
Fabric Modules
DCS-7504R3-FM
220 W / 287 W
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com