Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 10 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 10 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 13Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 14Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
Full chassis loaded with
2 DCS-7500-SUP2, 6
DCS75012R-FM, 12
DCS-7500R-36CQ-LC
12800 W / 14700 W / 15300 W
Full Chassis loaded
with 2 DCS-7500-SUP2,
6 DCS-7512R-FM, 9
DCS-7500R-36CQ-LC, 3
DCS-7500R-36Q-LC
11600 W / 13300 W / 13900 W
Full Chassis loaded
with 2 DCS-7500-SUP2,
6 DCS-7512R-FM, 3
DCS-7500R-36CQ-LC, 9
DCS-7500R-36Q-LC
9300 W / 10600 W / 11200 W
Full Chassis loaded with
2 DCS-7500-SUP2, 6
DCS-7512R-FM, 12
DCS-7500RM-36CQ-LC
14400 W / 16600 W / 18000
W*
7512N Series System
Note: 7512N systems
support only 7500R
and 7500R3 Series
Line cards.
Full Chassis loaded with
2 DCS-7500-SUP2, 6
DCS-7512R-FM, 12
DCS-7500R2-36CQ-LC
10200 W / 11800 W / 13200 W
Full chassis loaded
with 2 DCS-7516-SUP,
6 DCS7516R-FM, 16
DCS-7500R-36CQ-LC, 16
PWR-3KT-AC-RED
16000 W / 19000 W / 21000 W
Full chassis loaded
with 2 DCS-7516-SUP,
6 DCS7516R-FM, 16
DCS-7500R2-36CQ-LC, 16
PWR-3KT-AC-RED
13500 W / 15600 W / 17500 W
7516N Series System
Note: 7516N systems
support only 7500R
Series Line cards.
Full chassis loaded
with 2 DCS-7516-SUP,
6 DCS7516R-FM, 16
DCS-7500RM-36CQ-LC, 20
PWR-3KT-AC-RED
19000 W / 22000 W / 24000 W
* Not N+N redundant power at worst case Temp/Elevation.
Note: Includes typical power supply conversion inefficiency. Contact your local Sales Engineer
for 7500 power calculator details.
Note: Power numbers given as Typical/Maximum or Typical/Hot/Maximum where Hot is
defined as 40°C Sea Level.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com