Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 75 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 75 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 71Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 72Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 73Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 74Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 75Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 76Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 77Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 78Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 79Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
Maintenance and Field Replacement
4. Slide the cover out from the terminal studs.
5. Remove each power cable lug to the terminal studs with the flange locking nuts.
6. Remove the flange locking nuts to each of the terminal studs.
7. Remove the clear plastic cover protecting the terminal studs on the adapter. Slide the cover off of
the adapter.
8. Disconnect the power cable lug from the terminal studs.
F.1.5
Installing DC Power Supply
You must make space for installing the power supply by removing an existing one (Removing AC
Power Supply, Removing DC Power Supply) or removing a blank (Removing Power Supply Blank)
from a power supply slot available on the switch.
Perform the following steps to install a DC power supply.
1. Put on a grounded ESD strap.
2. Unbox the new power supply.
3. Insert the new power supply into the empty power supply slot.
4. After you insert the power supply, push gently on the power supply until the power supply is fully
seated.
5. Pull up on the handle on the power supply to lock the power supply in place.
6. Connect the cables for your power supply as explained in the guide (Cabling the DC Power
Supply).
F.2
Fabric and Fan Module (Fabric Module)
Note: For NEBS-compliant Service Provider installations, refer to Removing Service Provider
7500N Series Fan and Safety Guard. Contact your Arista representative if needed.
The fabric and fan modules are hot-swappable. They are accessible from the rear of the switch (Rear
Panel). You must take into account that the module you are inserting is compatible with the switch and
the module that you are replacing. Perform the following steps to remove and replace a fabric and fan
module, or a fan-only module, if your switch supports one.
F.2.1
Removing Fabric Module Blank
The fabric module blank is screwed on. Use the appropriate screwdriver for your switch.
1. Put on a grounded, anti-static ESD strap.
2. Unscrew the blank from the fabric module slot you are going to populate.
You may want to save the blank for future use as needed. The blank is needed for the switch to
operate normally if a fabric module slot is not populated.
F.2.2
Removing Fabric Module
1. Put on a grounded, anti-static ESD strap.
2. Loosen the two Phillips screws on the fabric module.
3. Pull out the ejector handle on the fabric module.
4. Pull the ejector handles outwards by 90 degrees to disengage the fabric module.
5. Pull on the ejector handles to remove the fabric module from the slot.
Note: Fabric modules can be heavier than 25 lbs. Provide adequate support while handling
them to prevent injury or damage.
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com