Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 18 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 18 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 14Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 15Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 16Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 17Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 18Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 19Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 20Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 21Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 22Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
Figure 5: Left front post assembly: Four post rack mount
1
M6 cage nut
4
M6 nut
7
Front Bracket
2
M6 nut
5
Switch Bottom
8
M6 screw
3
Shelf support
6
Switch Top
9
Front rack post
3. Repeat Step 1 on the right front rack post, assembling the parts at the same vertical level as those
on the left rack post.
4. Attach the shelf support and back bracket to the left rear post (Figure 6: Left rear post assembly
and shelf support orientation). The shelf support must be assembled at the same vertical level
on the front and rear posts. An up arrow is printed on the shelf support to indicate its proper
orientation.
Unthreaded rack holes: Attach the parts as displayed in following figures.
Threaded rack holes: Attach the shelf support to the post with screws that thread into the rack
post. The back bracket is not required on threaded racks.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com