Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 46 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 46 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 42Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 43Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 44Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 45Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 46Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 47Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 48Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 49Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 50Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
Figure 30: Supervisor 7500-SUP 2
1 Status LED
5 Clock input port (optional)
9 Power supply status LED
2 USB ports
6 Fan module status LED
10 Active LED
3 Ethernet management ports
7 Fabric module status LED
4 Serial console port
8 Linecard status LED
Figure 31: Supervisor 7500E-SUP
1 Status LED
5 Clock input port (optional)
9 Power supply status LED
2 USB ports
6 Fan module status LED
10 Active LED
3 Ethernet management ports
7 Fabric module status LED
4 Serial console port
8 Linecard status LED
Supervisor Activity Status LEDs
The Status and Active LEDs are located on the left side of the Supervisor Module. Table 10:
Supervisor Activity LED States interprets the states of these two LEDs.
Table 10: Supervisor Activity LED States
LED Name
LED State
Supervisor State
Off
No power, failed, or improperly
inserted.
Green
Operating normally.
Status
Red
Supervisor failed.
Off
Not active.
Active
Green
Active and controlling the
switch.
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com