Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 13Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
Overview
DCS-7508R3-FM
280 W / 387 W
PWR-2700-DC-R (Fan Power) 43 W / 47 W
PWR-3KT-AC RED (Fan
Power)
43 W / 47 W
Power Supply
PWR-3K-DC-RED (Fan
Power)
43 W / 47 W
Full chassis loaded with
2 DCS-7500E-SUP,
4 DCS-7504E-FM, 4
DCS-7500E-36Q-LC
3150 W / 3400 W
7504N Series System
Full chassis loaded with
2 DCS-7500-SUP2,
4 DCS-7504R-FM, 4
DCS-7500E-36CQ-LC
3500 W / 4500 W
Full chassis loaded with
2 DCS-7500E-SUP,
6 DCS-7508E-FM, 8
DCS-7500E-36Q-LC
5500 W / 6400 W
Full chassis loaded with
2 DCS-7500-SUP2,
6 DCS7508R-FM, 8
DCS-7500E-36Q-LC
5820 W / 6880 W / 7750 W
Full chassis loaded with
2 DCS-7500-SUP2,
6 DCS7508R-FM, 8
DCS-7500R-36CQ-LC
7720 W / 8990 W / 9880 W
Full Chassis loaded
with 2 DCS-7500-SUP2,
6 DCS-7508R-FM, 8
DCS-7500R-36Q-LC
4600 W / 5360 W / 6230 W
Full Chassis loaded
with 2 DCS-7500-SUP2,
6 DCS-7508R-FM, 8
DCS-7500R-48S2CQ-LC
3270 W / 3900 W / 4740 W
Full Chassis loaded
with 2 DCS-7500-SUP2,
6 DCS-7508R-FM, 8
DCS-7500RM-36CQ-LC
9100 W / 10300 W / 11000 W
7508N Series System
Full Chassis loaded
with 2 DCS-7500-SUP2,
6 DCS-7508R-FM, 8
DCS-7500R2-36CQ-LC
6400 W / 7300 W/ 7900 W
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com