Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 68 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 68 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 64Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 65Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 66Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 67Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 68Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 69Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 70Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 71Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 72Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
1 Status LED
2 Port LEDS
DCS-7500R-36Q-LC
The 36 port QSFP+ line card allows for a wide range of flexibility in a mixed 10G/40G environment.
All QSFP+ ports can operate as either a single 40Gb Ethernet port. Additional interface flexibility
is possible, with up to 24 ports able to support 4x10G mode and 6 ports of 1x100G mode. These
interface speed choices allow for simple migration from 10G to 100G and a wide range of possible
combinations.
1 Status LED
3 100G ports
2 100G ports
4 Port LEDs
DCS-7500RM-36CQ-LC
The 36 port QSFP100 line card allows 36 x 100G of wire rate performance with integrated MACsec on
every port. Each Packet Processor connects to 6 ports of 100G with 4GB of deep packet buffer, the
100G ports support either QSFP100 (100G) or QSFP+ (40G).
1 Status LED
2 100G MACsec port LEDS
DCS-7500R2-18CQ-LC
The 18 port QSFP100 line card allows 18 x 100G of wire rate performance.
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com