Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 66 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 66 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 62Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 63Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 64Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 65Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 66Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 67Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 68Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 69Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 70Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
1 Status LED
2 10G port LEDS
DCS-7500E-12CM-LC
The 12 x 100G MTP/MPO line card provides high density 100G using Arista Multi-speed Ports (MXP)
with embedded optics. The MXP ports use 100GBASE-SR10 (Short Range) transceivers and are fully
compatible with any standards compliant 100GBASE-SR10 ports. Each MXP port can be enabled in
single 100Gb, triple 40Gb or twelve 10Gb Ethernet mode for up to 12 – 100Gb, 36 – 40Gb and 144 –
10Gb Ethernet ports per line card. Since each of MXP ports come with integrated optics, no external
transceivers are required for this line card.
1 Status LED
2 MXP port LEDS
DCS-7500E-6C2-LC
The 6 x 100G CFP2 line card provides high performance 100G using industry standard CFP2 optics
that are hot pluggable. The CFP2 form factor is designed to allow for long haul optics with a size that
is approximately 50% smaller than the CFP optic. As a result CFP2 based line cards allow for up to
6 ports per line card, which increases overall system density. The CFP2 form factor allows 100GbE
optics to be installed and with the use of 10x10 and 2x40 mode a choice of 10/40/100GbE.
1 Status LED
2 CFP2 port LEDS
DCS-7500E-12CQ-LC
The 12 x 100G QSFP100 line card provides high density 100G using industry standard QSFP100
optics. The QSFP100 form factor is identical to the size of the 40G QSFP+ allowing for either 40GbE
or 100GbE optics to be installed, for a dual speed choice of 40/100GbE on all ports. With 12 ports of
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com