Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 40 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 40 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 36Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 37Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 38Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 39Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 40Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 41Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 42Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 43Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 44Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
•
Console (Serial) Port: Connect to a PC with RJ-45 to DB-9 serial adapter cable. Default switch
settings include:
•
9600 baud
•
No flow control
•
1 stop bit
•
No parity bits
•
8 data bits
The DCS-7516-SUP supervisor cards must be installed in one of the two slots designated for them in
the DCS-7516N switch as shown in Figure 27: DCS 7516N Supervisor Slots.
Note: Do not insert a line card into either of the slots 1 and 2, designated for a supervisor card.
This could damage the modular switch. Slots for the line cards are numbered 3 through 18.
Figure 27: DCS 7516N Supervisor Slots
1 Supervisor slot 1
2 Supervisor slot 2
Table 9: RJ-45 to DB-9 Connections
RJ-45
DB-9
RJ-45
DB-9
RTS
1
8
CTS
GND
5
5
GND
DTR
2
6
DSR
RXD
6
3
TXD
TXD
3
2
RXD
DSR
8
4
DTR
GND
4
5
GND
CTS
8
7
RTS
•
Ethernet management port: Connect to 10/100/1000 management network with RJ-45 cable.
•
Connect to 10/100/1000 management network with RJ-45 cable.
•
USB Port: May be used for software or configuration updates.
•
Clock Input Port: Port type is MCX connector, 2-5.5V, 50 ohm termination.
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com