Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 17 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 17 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 13Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 14Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 15Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 16Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 17Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 18Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 19Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 20Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 21Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
Rack Mounting the Switch
Figure 4: Attaching Flanges to the Rack Post
6. After completing the two-post installation, proceed to Cabling the Modular Switch.
3.1.2
Four-Post Rack Mount
The switch is mounted onto a four-post rack by assembling a shelf into the rack, then placing the
switch on the shelf.
Illustrations in this chapter depict the mounting of an unpopulated 8-slot chassis.
The accessory kit provides the following four-post mounting parts:
•
2 front brackets
•
4 shelf supports
•
2 back brackets (not needed for racks with threaded holes)
•
left shelf
•
right shelf
Figure 5: Left front post assembly: Four post rack mount displays the front four-post mounting parts.
Figure 6: Left rear post assembly and shelf support orientation displays the rear four-post mounting
parts.
3.1.2.1
Assembling the Shelf (7504N and 7508N)
1. Attach the front bracket and shelf support to the left front rack post, as shown in Figure 5: Left front
post assembly: Four post rack mount. An up arrow is printed on the shelf support to indicate its
proper orientation.
Unthreaded rack holes: Use the M6 screws and cage nuts supplied in the accessory kit.
Threaded rack holes: Attach the front bracket to the post with screws that can be threaded
through the rack post.
2. Secure the shelf support to the post with nuts that fit the screws threaded through the post.
7504N - Requires six M6 screws and cage nuts.
7508N - Requires eight M6 screws and cage nuts.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com