Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 73 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 73 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 69Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 70Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 71Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 72Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 73Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 74Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 75Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 76Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 77Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
Appendix
F
Maintenance and Field Replacement
This appendix describes the process for replacing switch components.
The following topics are covered in this section:
•
Power Supplies
•
Fabric and Fan Module (Fabric Module)
•
Touch Point Shield (Optional)
•
Supervisor Module
•
Linecards
You must ensure that at least one of the secondary grounding pads located on the front panel of
the chassis is connected to the data center ground. While working on the switches, use grounded,
anti-static wrist straps connected to one of the attach points on the switch for grounding yourself and
preventing ESD damage to the switch.
Note: Illustrations in this appendix are examples for a representative switch and component(s).
Procedures must be applied to component(s) supported by the specific device. You must use
component(s) and the appropriate slots for those component(s) when replacing or adding them.
F.1
Power Supplies
The switches support AC or DC Power supplies. The switches ship with a number of populated slots
depending on the switch model. Empty slots are covered with a blank. For adding a new power
supply in one of the available slots, remove the blank covering the slot before inserting a new power
supply.The following steps are required for ESD protection when adding or replacing power supplies.
Note: For the exact locations of power supplies for your device, refer to Rear Panel.
1. Ensure that the switch is grounded.
a. Connect at least one of the secondary grounding pads located on the front panel of the chassis
to the data center ground as needed.
2. Ground yourself using a connected, anti-static wrist strap.
a. The anti-static ESD wrist strap must be connected to one of the attach points on the switch.
3. Remove the power supply to be replaced (Removing AC Power Supply, Removing DC Power
Supply) or the blank for the slot (Removing Fabric Module Blank) in which the new power supply is
to be added.
F.1.1
Removing Power Supply Blank
The power supply blank is screwed on. Use the appropriate screwdriver for your switch.
1. Put on a grounded, anti-static ESD strap.
2. Unscrew the blank from the power supply slot you are going to populate.
You may want to save the blank for future use as needed. The blank is needed for the switch to
operate normally if a power supply slot is not populated.
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com