Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 54 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 54 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 50Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 51Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 52Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 53Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 54Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 55Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 56Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 57Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 58Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
Quantity
1
Description
7 (13)
M6 Hex Nuts.
3 (9)
M6 Cage Nut Square Hole
Racks.
5
M5 Hex Nuts.
11 (17)
M5 pan-head Phillips screws.
5
#12-24 Hex Nuts.
11 (17)
#12-24 pan-head Phillips
screws.
5
#10-32 Hex Nuts.
11 (17)
#10-32 pan-head Phillips
screws.
1
Adjustable Wrench
1 Quantities in parentheses “()” are for the 7508N where the quantities differ from the 7504N.
Figure 37: Four-Post Rack Mount Parts for the 4-slot and 8-slot Chassis
1 Front brackets
(DCS-7504N only)
4 Left shelf
7 M6 hex nuts
2 Front brackets
(DCS-7508N only)
5 Right shelf
8 M6x16 pan-head Phillips
screws
3 Shelf support
6 M6 cage nuts
9 Back brackets (not needed
for racks with threaded
holes)
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com