Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 51 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 51 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 47Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 48Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 49Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 50Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 51Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 52Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 53Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 54Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 55Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
Appendix
B
Parts List
The following topics are covered in this section:
•
Parts Used in All Rack Mount Configurations
•
Two-Post Rack Mount Parts
•
Four-Post Rack Mount Parts for 4-slot and 8-slot Chassis
•
Four Post Rack Mount for 12-slot and 16-slot Chassis
Each switch has an accessory kit that contains parts required to install the switch. Table 16: Accessory
Kits for the Modular Switches provides further details on the accessory kit for each switch. The
following sections in the chapter list the installation parts provided by the accessory kit in more detail.
Table 16: Accessory Kits for the Modular Switches
7504N
7508N
7512N
7516N
Common cables
and accessories
Included
Included
Included
Included
Two-Post rack
mount parts
Included
Included
N/A
N/A
Four-post rack
mount kit for 4-
slot and 8-slot
chassis
Included
Included
N/A
N/A
Four-post rack
mount kit for 12-
slot and 16-slot
chassis
N/A
N/A
Included
Included
Number of
Power cords
(C19 - C20 type)
included
4
6
8
12
Important:
All provided power cables are for use only with Arista products.
Câbles d’alimentation doivent être utilisés uniquement avec des produits de Arista.
Warning:
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com